PART |
Description |
Maker |
MK4096P-6 MK4096N-6 MK4096N-11 MK4096N-16 MK4096P- |
4096x1-bit dynamic RAM, 250ns acces time, 375ns cycle time, max. power 450mW. 4096x1-bit dynamic RAM, 350ns acces time, 500ns cycle time, max. power 320mW. 4096x1-bit dynamic RAM, 300ns acces time, 425ns cycle time, max. power 385mW.
|
Mostek
|
UT28F256 UT28F256T-45UPX 5962F9689103QXA 5962F9689 |
Radiation-hardenet 32K x 8 PROM: SMD. Class V. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish solder. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish solder. Total dose 3E5 rads(Si). 320 x 240 pixel format, LED or CFL Backlight Recalibration Service for 2120B B&K Oscilloscope Oscilloscope; Scope Type:Analog; Scope Bandwidth:30 MHz; Scope Channels:2 Scope; Calibrated:No; Rise Time:12ns; Sensitivity:5 mV/div to 5 V/div; Accuracy: /- 3 %; Resistance:1Mohm Recalibration Service for 2125A B&K Oscilloscope Radiation-Hardened 32K x 8 PROM 辐射加固32K的8胎膜早破 Recalibration Service for 2120B B&K Oscilloscope 辐射加固32K的8胎膜早破 Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish solder. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish gold. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish solder. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish gold. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish gold. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish gold. Total dose 3E5 rads(Si). Radiation-Hardened 32K x 8 PROM
|
AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc. Aeroflex, Inc. NEC, Corp. Aeroflex Circuit Techno...
|
CSV-RM8-2S-12P CSV-RM8-1S-8P-G CSV-RM8-1S-12P-G CS |
RM cores and acces sories
|
Ferroxcube International Holding B.V.
|
CPH-E13-1S-10P |
E cores and acces sories
|
Ferroxcube International Holding B.V.
|
CPVS-ER9.5-1S-8P-Z |
ER cores and acces sories
|
Ferroxcube International Holding B.V.
|
MK4118AJ-1 MK4118AJ-2 MK4118AJ-3 MK4118AJ-4 MK4118 |
1Kx8-bit static RAM, 120ns acces time, 120ns cycle time. 1Kx8-bit static RAM, 150ns acces time, 150ns cycle time. 1Kx8-bit static RAM, 200ns acces time, 200ns cycle time. 1Kx8-bit static RAM, 250ns acces time, 250ns cycle time.
|
Mostek
|
EPGDH2424 EPGDH2024 EPDHR10 EPDHR19 EPDHR12 EN4DH3 |
Armoires a double acces en acier doux de type 4 Armoires a double acces en acier doux de type 4
|
Hammond Manufacturing Ltd. Hammond Manufacturing L...
|
IL-G-XXP-S3X2 IL-G-XXS-S3X2 IL-G-15P-S3C2-E IL-G-1 |
2.5mm Contact Spacing PCB-to-Cable Connectors 2.5毫米间距板联系到电缆连接 IL-G Series Connectors
|
Electronic Theatre Controls, Inc. ETC[ETC] Japan Aviation Electronics List of Unclassifed Manufacturers
|
6-1123723-3 6-1123723-4 6-1123723-8 6-1123723-9 6- |
WIRE TO BOARD CONNECTORS ECONOMY POWER (EP) CONNECTORS HEADER ASSEMBLY/3.96MM AND 7.92MM PITCH
|
Tyco Electronics
|
DBCIDCDF09SA1 DBCIDCDF09SA1P DBCIDCDF09SA2 DBCIDCD |
D TYPE CONNECTORS LOW COST D CONNECTORS - IDC
|
Dubilier
|
EB45-P3R60GXS EB65-P3R12GX EB45-P3R12GXS EB45-PK40 |
Edgeboard Connectors 200∑C Burn-In Connectors, Dual Readout Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout Edgeboard Connectors 200掳C Burn-In Connectors, Dual Readout Edgeboard Connectors 200隆?C Burn-In Connectors, Dual Readout
|
Vishay Siliconix
|
DS9076-40 DS9072 DS9072-40V DS9072-72V DS9072H-40R |
SipStik Connectors SIP Stik Connectors
|
MAXIM - Dallas Semiconductor DALLAS[Dallas Semiconductor]
|